Part Number Hot Search : 
MMBT5 1N4764 MAC16HCM YLT500VM SM4T30A 74F164A 29LV0 TA8488AF
Product Description
Full Text Search
 

To Download 1069620000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  datasheet creation date july 23, 2010 10:45:20 pm cest last update 28.05.2010 / we reserve the right to make technical changes. 1 ch20m shl-smt 5.00/02gl 4.2bx weidmller interface gmbh & co. kg klingenbergstra?e 16 d-32758 detmold germany fon: +49 5231 14-0 fax: +49 5231 14-2083 www.weidmueller.com general ordering data order no. 1069620000 part designation shl-smt 5.00/02gl 4.2bx version pcb plug-in connector, male header, 5 mm, no. of poles: 2, solder pin length: 4.2 mm, tinned, black gtin (ean) 4032248825158 qty. 156 pc(s). packaging box naturally, the ch20m system also shows its perfection in the peripheral interface. if you are taking into consideration design options, processing, usability, reliability and security, then pin headers and connectors are just as critical in the real world as the entire system. in every sector, the connection technology is at the top of its class. ? 100% non-interchangeable the unique, captive "auto-set" encoding ensures a misconnection-proof assignment of the connections. ? 100% safe touch protection for the pin header and socket block on both sides ? 100% efficient all thr pin headers are reflow compatible
datasheet ch20m shl-smt 5.00/02gl 4.2bx weidmller interface gmbh & co. kg klingenbergstra?e 16 d-32758 detmold germany fon: +49 5231 14-0 fax: +49 5231 14-2083 www.weidmueller.com technical data creation date july 23, 2010 10:45:20 pm cest last update 28.05.2010 / we reserve the right to make technical changes. 2 dimensions (1) length 22 mm width 10.4 mm height 14.4 mm system parameters version connection element, left no. of connections 2 type of contact to pcb solder connection, direct tolerance for the pcb shape 0.15 mm contact to terminal rail no encapsulation option no material data flammability class ul 94 v-0 insulating material lcp colour black contact material copper alloy contact surface tinned highest continous operating temperature, min. -20 c highest continous operating temperature, max. 85 c rating data to din iec rated current, max. no. of poles (tu=20c) 10 a rated current, no. of poles (tu=40c), max. 9 a rated voltage for overvoltage class/pollution severity ii/2 400 v rated voltage for overvoltage class/pollution severity iii/2 320 v rated voltage at overvoltage category/ pollution degree iii/3 250 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/3 4 kv approvals approvals institutes classifications eclass 6.0 27-26-07-04


▲Up To Search▲   

 
Price & Availability of 1069620000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X